Part Number Hot Search : 
XBSXX LL914 EL5132IS C1Z100B 2SA129 C460006 H810KABD MC74LV
Product Description
Full Text Search
 

To Download 3P2210000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K 3P Series Miniature Pushwheel Switches
Features/Benefits * Snap-in front mount design for
easy assembly * 10 position models available Illuminated backlighting available
Typical Applications * Test & measurement equipment * Industrial machinery * Computer peripherals
Specifications
CONTACT RATING: CARRY: 1 AMP continuous. SWITCH: 0.4 VA max., 100 mA max., 28 V DC max. OPERATING VOLTAGE: 50 mV to 28 V DC. ELECTRICAL LIFE: 100,000 actuations. CONTACT RESISTANCE: Below 300 m typ. @ 2-4 V DC, 100 mA. INSULATION RESISTANCE: 109 min. (dry). DIELECTRIC STRENGTH: 500 Vrms min. @ sea level between common terminal and any output. OPERATING TEMPERATURE: -10C to 65C.
Materials
HOUSING: Polycarbonate (UL 94V-0). PUSHWHEEL: Polycarbonate (UL 94V-0). PUSHBUTTON: Polycarbonate (UL 94V-0). ROTOR CONTACTS: Gold over nickel over copper alloy. STATOR CONTACTS: Hard gold over nickel over copper on epoxy fiberglass.
NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages M-17 thru M-19. For additional options not shown in catalog, consult Customer Service Center. Consult factory for illumination availability.
Thumbwheel & Pushwheel
Series 3P (STD.) Miniature pushwheel Number of Sections 0 Switch section 1 1 Switch section 2 2 Switch sections 3 3 Switch sections 4 4 Switch sections
Function Code 21 BCD 1-2-4-8 23 Complement of BCD 1-2-4-8 Mounting Style 0 Snap-in, front mount 3 Snap-in, front mount Terminations 0 (STD.) Short PCB 1 Extended PCB 3 Short PCB with solder pins 9 Any combination A Extended PCB with solder pins Color/Marking/Stops 0 Matte black housing, gloss black wheel, white marking, black pushbutton 9 Combination of body colors, wheel colors, marking and/or stops Dust Lens 0 (STD.) No Iens 2 Dust lens
M
Dimensions are shown: IN (mm) Dimensions subject to change
M-16
www.ittcannon.com
C&K 3P Series Miniature Pushwheel Switches
SERIES
3P
(STD.) MINIATURE PUSHWHEEL SWITCH
N = Number of sections.
NUMBER OF SECTIONS
0 1-4
Switch section only, no endplates. Number of switch sections in assembly, includes endplates.
Thumbwheel & Pushwheel
NOTE: Endplates and blank sections available separately, see page M-20.
FUNCTION CODE
21
BCD 1-2-4-8, 10 POSITION
23
COMPLEMENT OF BCD 1-2-4-8, 10 POSITION
M
Available Terminations: A, 0, 1, 3 See figs. 2 & 3, page M-19.
Available Terminations: 0, 1, 3 See figs. 2 & 3, page M-19.
NOTE: For terminal location diagrams, see page M-19.
Third Angle Projection Dimensions are shown: IN (mm) Dimensions subject to change
M-17
www.ittcannon.com
C&K 3P Series Miniature Pushwheel Switches
MOUNTING STYLE
0
SNAP-IN FRONT MOUNT, SECTION PITCH: .300 (7,62) EACH SECTION
N = Number of sections. Recommended panel thickness: .039-.156 (0,99-3,95)
3
SNAP-IN FRONT MOUNT WITH SPACER, SECTION PITCH: .400 (70,16) EACH SECTION, LAST SECTION .300 (7,62)
N = Number of sections. Recommended panel thickness: .039-.156 (0,99-3,95)
Thumbwheel & Pushwheel
TERMINATIONS
0
(STD.) SHORT PCB
1
EXTENDED PCB WITH PROVISION FOR COMPONENTS
3
SHORT PCB, TYPE 0 WITH SOLDER PINS
Signal traces cut, except for common(s).
For terminal location numbers, see next page.
A
EXTENDED PCB, TYPE 1 WITH SOLDER PINS
9
ANY COMBINATION OF TERMINATION CONFIGURATIONS OR SPECIAL TERMINATIONS Specify on configuration form, page M-21 and consult Customer Service Center.
M
For terminal location numbers, see next page. Signal traces cut, except for common(s). PC Board 1/32" (0,79) thick. NOTE: All terminal holes shown may not be present for all function codes, consult Customer Service Center. Dimensions are shown: IN (mm) Dimensions subject to change
M-18
www.ittcannon.com
C&K 3P Series Miniature Pushwheel Switches
TERMINATIONS
Terminal Location Numbers
Solder Pins
Fig. 1
Fig. 2
COLOR/MARKING/STOPS
0 9
(STD.) MATTE BLACK HOUSING (Gloss black wheel with white characters, black pushbuttons, no stops.) SPECIAL COLORS, MARKINGS FOR HOUSING OR WHEEL, STOPS (Specify on CONFIGURATION FORM, page M-21 and consult Customer Service Center).
Thumbwheel & Pushwheel
DUST LENS
0 2
(STD.) NO LENS DUST LENS (Protects character face of the wheel from abrasion and dust.)
M
Third Angle Projection Dimensions are shown: IN (mm) Dimensions subject to change
M-19
www.ittcannon.com
C&K 3P Series Miniature Pushwheel Switches
AVAILABLE HARDWARE
Blank sections, .300 THK. End plates Spacers, .100 THK. (Makes section pitch .400)
LEFT-with hole
RIGHT-with pin
PART NO. PART NO.
623502000 LEFT-BLACK 623509000 LEFT-GRAY 623602000 RIGHT-BLACK 623609000 RIGHT-GRAY
Terminal connnector One left and one right piece required for complee assembly.
PART NO.
663702000 BLACK 663709000 GRAY
Stop pins
663602000 BLACK 663609000 GRAY
Thumbwheel & Pushwheel
PART NO.
PART NO.
657800000
630000000
Fits 0, 1 terminations only.
M
Dimensions are shown: IN (mm) Dimensions subject to change
M-20
www.ittcannon.com
C&K 3P Series Miniature Pushwheel Switches
Configuration Form
GRAY SHADED AREAS TO BE FILLED IN BY CUSTOMER SERVICE. CATALOG PART NO. C&K PART NUMBER
C&K PART NUMBER
3P
COMPANY NAME ADDRESS CUSTOMER CONTACT ORIGINATED BY TEL.# DATE SALES REP. CUSTOMER PRINT REVISION: DETAILS:
PUSHWHEEL SECTIONS
NO. OF SEC.
FUNCTION CODE - TERMINATIONS - COLOR/MARKING/STOPS/SEAL - ILLUMINATION
ENTER OPTION CODES IN APPROPRIATE BOXES. FUNCTION CODES INCLUDE BLANK SECTIONS (SEE PAGE M-17).
DESCRIBE IN APPROPRIATE ROW
1 2 3 4 5 6 7 8 9 10 11
3P- 3P- 3P- 3P- 3P- 3P- 3P- 3P- 3P- 3P- 3P-
- - - - - - - - - - - PRODUCTION APPROVAL DATE
Thumbwheel & Pushwheel
QUALITY CONTROL INSTRUCTIONS
Q.C. APPROVAL
DATE
M
REV. INITIALS DATE
FOR SWITCHES WITH MORE THAN 11 SECTIONS, CONTINUE ON ADDITIONAL SHEETS.
SPECIAL INSTRUCTIONS OR SPECIFICATIONS:
SHEET _____ OF _____
Dimensions are shown: IN (mm) Dimensions subject to change
M-21
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of 3P2210000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X